PART |
Description |
Maker |
FF-1237-10 |
The FF-1237-10 is a 3 phase delta filter designed to work with motors controls or other 3ph power conversion systems. The FF-1237-10 is a 3 phase delta filter designed to work with motors controls or other 3ph power conversion systems.
|
JMK Inc.
|
PSV/30A-12 PSV/750C-12 PSV/1800E-63 PSV/1600E-15 P |
28.5 MHz - 31.5 MHz, 180 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 140 deg - RF/MICROWAVE PHASE SHIFTER 1665 MHz - 1935 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1480 MHz - 1720 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 902.5 MHz - 997.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 475 MHz - 525 MHz, 160 deg - RF/MICROWAVE PHASE SHIFTER 2312.5 MHz - 2687.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1110 MHz - 1290 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 807.5 MHz - 892.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 270 deg - RF/MICROWAVE PHASE SHIFTER
|
Astrodyne, Inc. MEAN WELL Enterprises Co., Ltd. NXP Semiconductors N.V.
|
CHL8326 CHL8326-00CRT CHL8326-00CRTY CHL8328-XXCRT |
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller Overclocking & Gaming Mode with Vmax setting
|
International Rectifier
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
MM002-10 MM002-10U MM002-XX MM002-06 MM002-06U MM0 |
3 PHASE DIODE BRIDGE 3 PHASE, 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE PT 18C 18#20 PIN RECP 3 Phase Bridge
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
RT8876A |
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
|
Richtek Technology Corporation
|
ISL6366IRZ ISL6366 ISL6366CRZ ISL6610 ISL6610A ISL |
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
CM30MD1-12H |
CI Module Three Phase Converter Three Phase Inverter 30 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
ADE7758ARW |
Poly Phase Multifunction Energy Metering IC with Per Phase Information SPECIALTY ANALOG CIRCUIT, PDSO24
|
Analog Devices, Inc.
|